PART |
Description |
Maker |
TDA8920C09 TDA8920C TDA8920CJ TDA8920CTH TDA8920CJ |
2 垄楼 110 W class-D power amplifier 2 麓 110 W class-D power amplifier 2 ′ 110 W class-D power amplifier 2 x 110 W class-D power amplifer, SOT411-1 (DBS23P), Tube 110 W, 2 CHANNEL, AUDIO AMPLIFIER, PZFM23 2 X 110 W class-D power amplifier 2 ′ 110 W class-D power amplifier 2 X 110 W class-D power amplifier
|
NXP Semiconductors N.V.
|
ACPM-7812-TR1 |
Amplifier. Other CDMA/AMPS power amplifier module 824 MHz - 849 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
Agilent Technologies, Inc.
|
AFS5-10951175-09-10P-5 AFS42-04400510-07-10P-44 AF |
10950 MHz - 11750 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 4400 MHz - 5100 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 2200 MHz - 2300 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 1400 MHz - 1700 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 6700 MHz - 7100 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 700 MHz - 800 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 7900 MHz - 8400 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER
|
MITEQ INC
|
TA7280 TA7280P TA7281P E003333 |
80 AMP MINI-ISO AUTOMOTIVE RELAY (TA7280P / TA7281P) 5.8W DUAL / 22W BTL AUDIO POWER AMPLIFIER 5.8W DUAL, 22W BTL AUDIO POWER AMPLIFIER 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
RFS1003 PRFS-1003-0009 PRFS-1003-0005 PRFS-1003-00 |
From old datasheet system 5.1-5.9 GHz U-NII Power Amplifier The RFS1003 power amplifier is a high-power, high-performance GaAs MESFET IC designed for use in transmit applications in the 5.1-5.9 ...
|
ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
TGA9083-EEU TGA9083 |
TV 6C 6#8(TWIN) PIN PLUG RECP RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER Monolithic Power Amplifier
|
TriQuint Semiconductor, Inc. TRIQUINT[TriQuint Semiconductor]
|
2SC479306 2SC4793-06 2SC4793FM 2SC4793M |
Power Amplifier Applications Driver Stage Amplifier Applications Silicon NPN Epitaxial Type Power Amplifier Applications
|
Toshiba Semiconductor
|
UPC2710TB1 UPC2710TB-E3 |
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER 1000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
NEC
|
BA5204F A5801031 |
Audio LSIs > Power amplifier 3V / 35mW dual power amplifier From old datasheet system
|
ROHM[Rohm]
|
AD621 AD621ARZ-R7 AD621AR-REEL AD621AR-REEL7 AD621 |
-18V; 650mW; low drift, low power instrumentation amplifier. For weigh scales, transduver interface and data acquisition systems Low Drift, Low Power Instrumentation Amp with fixed gains of 10 and 100 INSTRUMENTATION AMPLIFIER, 185 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO8 Low Cost,Low Power Instrumention Amplifier
|
Analog Devices, Inc.
|
U5T12.12.5 R5T12.2.5 U28S15.45 U28S24.4 R28D15.22 |
Low power quad operational amplifiers High power 3-phase auxiliary power supply evaluation board based on L5991 and ESBT STC08DE150HV Evaluation board using 1x SD3932 for HF transmitters VIPer12A travel adaptor 3.6W output Analog IC 模拟IC RF power amplifier using 1 x PD55008 N-channel enhancement-mode lateral MOSFETs 模拟IC RF power amplifier using 1 x PD55008L 模拟IC
|
Electronic Theatre Controls, Inc. KEMET Corporation Bourns, Inc. MITSUMI ELECTRIC CO., LTD.
|